PART |
Description |
Maker |
HS15 HS13 HS11 HS14 HS12 |
Low Power Loss, High efficiency HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V) HIGH EFFICIENCY RECTIFIERS(1.0A/50-400V)
|
MOSPEC[Mospec Semiconductor] MOSPEC SEMICONDUCTOR CORP.
|
GP02-17A |
High Voltage 1.0A Sintered Glass Passivated Rectifie
|
Olitech Electronics Co....
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
AWT6106 |
The AWT6106 is a 3.5V (3.0V to 4.2V) high power, high efficiency, three stage power amplifier module for Dual Mode CDMA/PCS wireless ...
|
Anadigics Inc
|
NCP1652A NCP1652DWR2G NCP1652ADR2G NCP1652DR2G NCP |
High-Efficiency Single Stage Power Factor Correction and Step-Down Controller High Efficiency Single Stage Power Factor Correction and Step-down Controller POWER FACTOR CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO16 High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
|
ON Semiconductor
|
SF10A01 SF10A02 SF10A04 SF10A03 SF10A05 SF10A06 |
Glass Passivated Super Fast Recovery Rectifie
|
YENYO TECHNOLOGY Co., Ltd
|
TC1426CPA TC1427 TC1427CPA TC1428 TC1428COA TC1427 |
CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 600 A rms nominal, ±900 A range 1.2A的双路高速MOSFET驱动 1.2A Dual High-Speed MOSFET Drivers 1.2A的双路高速MOSFET驱动 The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. These devices are fabricated using an epitaxial layer to effectively short out the intrinsic parasitic The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency. ...
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
TA0012 |
New High Power, High Efficiency HBT GSM Power Amplifier
|
RFMD[RF Micro Devices]
|
BH16500CDL BH16500CDGG 74ABTH16500CDL 74ABTH16500C |
18-bit universal bus transceiver 3-State ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80%
|
Philips Semiconductors NXP Semiconductors N.V.
|
31DF6 |
LOW POWER LOSS/ HIGH EFFICIENCY FRD - LOW POWER LOSS, HIGH EFFICIENCY
|
Nihon Inter Electronics Corporation ETC
|
TC1501 |
1W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|
TC1606N |
2W High Linearity and High Efficiency GaAs Power FETs
|
Transcom, Inc.
|